Part Number Hot Search : 
A5800189 D110278 F6049K C2858H SR5904 A1000 KMB210F 15KE11
Product Description
Full Text Search
 

To Download PG12864AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 12864-A/K
OUTLINE DIMENSION & BLOCK DIAGRAM
46.5 2.5 7.9 88.0 77.2 72.0 66.52 H1 H2
*PG 12864-A for SMT type *PG 12864-K for COB type
4- 2.5 4- 1.0
DB0~DB7 CS1 D /I R/W RST Vss Vdd Vo E CS2
Vout A K
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 93.0 x 70.0 72.0 x 40.0 0.48 x 0.48 0.52 x 0.52
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7-14 15 16 17 18 19 20 Symbol Vss Vdd Vo D/I R/W E DB0~DB7 CS1 CS2 RST Vout A K
Function Power supply(GND) Power supply(+) Contrast Adjust Command / data input Data read / write Enable signal Data bus line Chip selection driver 1 Chip selection driver 2 Reset Negative voultage output
m o .c U t4 e e h S ta a .D w w w
15.0 33.24 40.0 A 20 1 14.0 20- 1.0 1.8 PITCH2.54 x 19=48.26 93.0 0.5
4 4
70.0 0.5 65.0
9.9
35.0
1.5
50.2
128 x 64 Dots
K
2.5
LCD Sesment DRIVER 1
Common Driver
2.5
1.6
LCD PANEL
COM 64
SEG 64
0.48
SEG 64
0.04
LCD Segment DRIVER 2
4
Voitage Genertor/Temperature Compensation
BACKLIGHT
0.3mm
MECHANICAL SPECIFICATION
Module W /O B/L EL B/L LED B/L
H2 / H1 5.1 / 9.7 5.1 / 9.7 8.9 / 13.5
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC 5.5 4.5 V Top N WNW NW V 15.1 -20oC V 14.3 14.7 LCD operation voltage Vop
0oC
9.7 10.2 10.7
LCM current consumption (No B/L)
Idd
Power supply for LED B/L (+) Power supply for LED B/L ( )
Backlight current consumption
LED/edge VB/L=4.2V
LED/array VB/L=4.2V
om .c U t4 ee Sh ta a D . w w w
25oC
8.9 13.2 9.4 13.6 9.9 8.6 9.1 9.6 14
Min. -0.3 -0.3 -0.3
Max. Units V 7.0 19.0 V Vdd+0.3 V
0.04 0.48
12.8
50oC
70oC
12
12.4
Vdd=5V
2.5
5
400
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG12864AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X